Part Number Hot Search : 
BR808G NTE4000 2SK12 BY8416 120T3 120T3 N5394A 2SD26621
Product Description
Full Text Search
 

To Download BC846ALT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
General Purpose Transistors
Order this document by BC846ALT1/D
NPN Silicon
1 BASE
COLLECTOR 3
BC846ALT1,BLT1 BC847ALT1, BLT1,CLT1 thru BC850BLT1,CLT1
2 EMITTER
BC846, BC847 and BC848 are Motorola Preferred Devices
MAXIMUM RATINGS
Rating Collector - Emitter Voltage Collector - Base Voltage Emitter - Base Voltage Collector Current -- Continuous Symbol VCEO VCBO VEBO IC BC846 65 80 6.0 100 BC847 BC850 45 50 6.0 100 BC848 BC849 30 30 5.0 100 Unit V V V mAdc CASE 318 - 08, STYLE 6 SOT- 23 (TO - 236AB) Symbol PD 225 1.8 RqJA PD 300 2.4 RqJA TJ, Tstg 417 - 55 to +150 mW mW/C C/W C 556 mW mW/C C/W Max Unit
1 2 3
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board, (1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature
DEVICE MARKING
BC846ALT1 = 1A; BC846BLT1 = 1B; BC847ALT1 = 1E; BC847BLT1 = 1F; BC847CLT1 = 1G; BC848ALT1 = 1J; BC848BLT1 = 1K; BC848CLT1 = 1L
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector - Emitter Breakdown Voltage BC846A,B (IC = 10 mA) BC847A,B,C, BC850B,C BC848A,B,C, BC849B,C Collector - Emitter Breakdown Voltage BC846A,B (IC = 10 A, VEB = 0) BC847A,B,C, BC850B,C BC848A,B,C, BC849B,C Collector - Base Breakdown Voltage (IC = 10 mA) Emitter - Base Breakdown Voltage (IE = 1.0 mA) BC846A,B BC847A,B,C, BC850B,C BC848A,B,C, BC849B,C BC846A,B BC847A,B,C BC848A,B,C, BC849B,C, BC850B,C V(BR)CEO 65 45 30 80 50 30 80 50 30 6.0 6.0 5.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 15 5.0 V
V(BR)CES
V
V(BR)CBO
V
V(BR)EBO
V
Collector Cutoff Current (VCB = 30 V) (VCB = 30 V, TA = 150C) 1. FR-5 = 1.0 x 0.75 x 0.062 in 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. Thermal Clad is a trademark of the Bergquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
ICBO
nA A
REV 1
Motorola Small-Signal Transistors, FETs and Diodes Device Data (c) Motorola, Inc. 1997
1
BC846ALT1, BLT1 BC847ALT1, BLT1, CLT1 thru BC850ALT1, BLT1, CLT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued)
Characteristic Symbol Min Typ Max Unit
ON CHARACTERISTICS
DC Current Gain (IC = 10 A, VCE = 5.0 V) BC846A, BC847A, BC848A BC846B, BC847B, BC848B BC847C, BC848C BC846A, BC847A, BC848A BC846B, BC847B, BC848B, BC849B, BC850B BC847C, BC848C, BC849C, BC850C VCE(sat) VBE(sat) VBE(on) hFE -- -- -- 110 200 420 -- -- -- -- 580 -- 90 150 270 180 290 520 -- -- 0.7 0.9 660 -- -- -- -- 220 450 800 0.25 0.6 -- -- 700 770 V V mV --
(IC = 2.0 mA, VCE = 5.0 V)
Collector - Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA) Collector - Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA) Base - Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA) Base - Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA) Base - Emitter Voltage (IC = 2.0 mA, VCE = 5.0 V) Base - Emitter Voltage (IC = 10 mA, VCE = 5.0 V)
SMALL- SIGNAL CHARACTERISTICS
Current - Gain -- Bandwidth Product (IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz) Output Capacitance (VCB = 10 V, f = 1.0 MHz) Noise Figure (IC = 0.2 mA, VCE = 5.0 Vdc, RS = 2.0 k, f = 1.0 kHz, BW = 200 Hz) BC846A, BC847A, BC848A BC846B, BC847B, BC848B BC847C, BC848C BC849B,C, BC850B,C 1.0 VCE = 10 V TA = 25C V, VOLTAGE (VOLTS) 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.2 0.2 0.5 50 2.0 5.0 10 1.0 20 IC, COLLECTOR CURRENT (mAdc) 100 200 0 0.1 VCE(sat) @ IC/IB = 10 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 IC, COLLECTOR CURRENT (mAdc) 50 70 100 VBE(on) @ VCE = 10 V TA = 25C VBE(sat) @ IC/IB = 10 fT Cobo NF -- -- -- -- 10 4.0 100 -- -- -- -- 4.5 MHz pF dB
2.0 hFE , NORMALIZED DC CURRENT GAIN 1.5 1.0 0.8 0.6 0.4 0.3
Figure 1. Normalized DC Current Gain
2.0 VCE , COLLECTOR-EMITTER VOLTAGE (V) TA = 25C 1.6 IC = 200 mA 1.2 IC = IC = IC = 50 mA 10 mA 20 mA 0.8 IC = 100 mA VB, TEMPERATURE COEFFICIENT (mV/ C) 1.0
Figure 2. "Saturation" and "On" Voltages
-55C to +125C 1.2 1.6 2.0 2.4 2.8
0.4
0
0.02
0.1 1.0 IB, BASE CURRENT (mA)
10
20
0.2
10 1.0 IC, COLLECTOR CURRENT (mA)
100
Figure 3. Collector Saturation Region
Figure 4. Base-Emitter Temperature Coefficient
2
Motorola Small-Signal Transistors, FETs and Diodes Device Data
BC846ALT1, BLT1 BC847ALT1, BLT1, CLT1 thru BC850ALT1, BLT1, CLT1
BC847/BC848
f T, CURRENT-GAIN - BANDWIDTH PRODUCT (MHz) 10 7.0 C, CAPACITANCE (pF) 5.0 Cib TA = 25C 400 300 200
3.0 Cob 2.0
100 80 60 40 30 20 0.5 0.7
VCE = 10 V TA = 25C
1.0
0.4 0.6 0.8 1.0
2.0 4.0 6.0 8.0 10 VR, REVERSE VOLTAGE (VOLTS)
20
40
1.0
2.0 3.0 5.0 7.0 10 20 IC, COLLECTOR CURRENT (mAdc)
30
50
Figure 5. Capacitances
Figure 6. Current-Gain - Bandwidth Product
1.0 hFE , DC CURRENT GAIN (NORMALIZED) VCE = 5 V TA = 25C 2.0 1.0 0.5 V, VOLTAGE (VOLTS) TA = 25C 0.8 VBE(sat) @ IC/IB = 10 0.6 VBE @ VCE = 5.0 V 0.4
0.2 0.2 VCE(sat) @ IC/IB = 10 0.1 0.2 10 100 1.0 IC, COLLECTOR CURRENT (mA) 0 0.2 0.5 1.0 10 20 2.0 5.0 IC, COLLECTOR CURRENT (mA) 50 100 200
Figure 7. DC Current Gain
Figure 8. "On" Voltage
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
2.0 TA = 25C 1.6 20 mA 1.2 IC = 10 mA 50 mA 100 mA 200 mA VB, TEMPERATURE COEFFICIENT (mV/ C)
-1.0
-1.4
-1.8 VB for VBE -2.2 -55C to 125C
0.8
0.4
-2.6
0
-3.0 0.2 0.5 10 20 1.0 2.0 5.0 IC, COLLECTOR CURRENT (mA) 50 100 200
0.02
0.05
0.1
0.2 0.5 1.0 2.0 IB, BASE CURRENT (mA)
5.0
10
20
Figure 9. Collector Saturation Region
Figure 10. Base-Emitter Temperature Coefficient
Motorola Small-Signal Transistors, FETs and Diodes Device Data
3
BC846ALT1, BLT1 BC847ALT1, BLT1, CLT1 thru BC850ALT1, BLT1, CLT1
BC846
40 TA = 25C C, CAPACITANCE (pF) 20 Cib 10 6.0 4.0 Cob
f T, CURRENT-GAIN - BANDWIDTH PRODUCT
500
VCE = 5 V TA = 25C
200 100 50
20
2.0
0.1
0.2
0.5 5.0 1.0 2.0 10 20 VR, REVERSE VOLTAGE (VOLTS)
50
100
1.0 5.0 10 50 100 IC, COLLECTOR CURRENT (mA)
Figure 11. Capacitance
Figure 12. Current-Gain - Bandwidth Product
4
Motorola Small-Signal Transistors, FETs and Diodes Device Data
BC846ALT1, BLT1 BC847ALT1, BLT1, CLT1 thru BC850ALT1, BLT1, CLT1
INFORMATION FOR USING THE SOT-23 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to insure proper solder connection interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
SOT-23 SOT-23 POWER DISSIPATION
The power dissipation of the SOT-23 is a function of the pad size. This can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by TJ(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient, and the operating temperature, TA . Using the values provided on the data sheet for the SOT-23 package, PD can be calculated as follows: PD = TJ(max) - TA RJA
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference shall be a maximum of 10C. * The soldering temperature and time shall not exceed 260C for more than 10 seconds. * When shifting from preheating to soldering, the maximum temperature gradient shall be 5C or less. * After soldering has been completed, the device should be allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling. * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device.
The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device which in this case is 225 milliwatts. PD = 150C - 25C 556C/W = 225 milliwatts
The 556C/W for the SOT-23 package assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 225 milliwatts. There are other alternatives to achieving higher power dissipation from the SOT-23 package. Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal CladTM. Using a board material such as Thermal Clad, an aluminum core board, the power dissipation can be doubled using the same footprint.
Motorola Small-Signal Transistors, FETs and Diodes Device Data
5
BC846ALT1, BLT1 BC847ALT1, BLT1, CLT1 thru BC850ALT1, BLT1, CLT1
PACKAGE DIMENSIONS
A L
3
BS
1 2
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0180 0.0236 0.0350 0.0401 0.0830 0.0984 0.0177 0.0236 MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.45 0.60 0.89 1.02 2.10 2.50 0.45 0.60
V
G
C D H K J
DIM A B C D G H J K L S V
CASE 318-08 ISSUE AE SOT-23 (TO-236AB)
STYLE 6: PIN 1. BASE 2. EMITTER 3. COLLECTOR
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
6
Motorola Small-Signal Transistors, FETs and Diodes Device Data
BC846ALT1/D


▲Up To Search▲   

 
Price & Availability of BC846ALT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X